データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML7344J データシート(PDF) 48 Page - List of Unclassifed Manufacturers

部品番号 ML7344J
部品情報  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J データシート(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 44Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 45Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 46Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 47Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 48Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 49Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 50Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 51Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
48/151
[Reference Sequence]:
1.
Set Full level threshold and Empy level threshold..Each threshold should set as TXFIFO_THRH[5:0]
([TXFIFO_THRH:B0 0x17(5-0)]) > TXFIFO_THRL[5:0] ([TXFIFO_THRL:B0 0x18(5-0)]). And
enabling Full level threshold by TXFIFO_THRH_EN([TXFIFO_THRH:B0 0x17(7)=0b1.
2.
Enabling FAST_TX mode by FAST_TX_EN([RF_STATUS_CTRL:B0 0x0A(5)])=0b1 and start
writing TX data to the TX_FIFO[WR_TX_FIFO:B0 0x7C] until FIFO-Full interrupt (INT[5] group1)
occurs.
3.
After FIFO-Full interrupt is generated, Clear the interupt. Then disabling Full level threshold
(TXFIFO_THRH_EN=
0b0)
and
enabling
Empty
level
threshold
(TXFIFO_THRL_EN
([TXFIFO_THRL:B0 0x18(7)])=0b1).
4.
After FIFO-Empty interrupt (INT[4] group1) is generated, Clear the interupt. Then disabling Empty
level threshold (TXFIFO_THRL_EN=0b0) and enabling Full level threshold (TXFIFO_THRH_
EN=0b1). Then resume writing TX data to the TX_FIFO until next FIFO-Full interrupt occurs.
5.
Repeat 3.-4. until completion of TX.
NOTE:
When skip disabling threshold level at sequece 3. or 4., depending on TX data read (PHY block) and
TX_FIFO write timing through SPI, in the middle of TX_FIFO writing, unwiilling FIFO-Full interrupt or
FIFO-Empty interrupt may occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More