| データシートサーチシステム |
|
ML7344J データシート(PDF) 60 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J データシート(HTML) 60 Page - List of Unclassifed Manufacturers |
|
60 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 60/151 (2) 1 shot operation [RX] After wake-up timer completion, move to RX_ON state. And continue RX_ON state. Move to SLEEP state by SLEEP command. If wake-up timer interval setting ([WUT_INTERVAL_H/L:B0 0x2F/0x30]) is maintained, after re-issuing SLEEP command, 1 shot operation will be activated again. If RX completed during RX_ON, continue operation defined by RXDONE_ MODE[1:0] ([RF_STATUS_ CTRL: B0 0x0A(3-2)]) . Same manner in TX_ON state. RXON TXON Wake-up timer Wake-up operation enable setting Continuous operation timer Wake-up timer operation range [WUT_INTERVAL_H/L: B0 0x2F/0x30] LSI state After SLEEP command, move to SLEEP state. SLEEP RXON SLEEP RXON Wake-up timer completion and move to RXON state RX_ON is maintained if SLEEP command is not issued. [SLEEPWU_SET: B0 0x2D(7-4)]=0b1011 |