| データシートサーチシステム |
|
ML7344J データシート(PDF) 61 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J データシート(HTML) 61 Page - List of Unclassifed Manufacturers |
|
61 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 61/151 (3) Combination with high speed carrier detection [Intetval operation] After wake-up timer completion, move to RX_ON state. Then perform CCA. If no carrier detected, automatically move to SLEEP state. If carrier detected, maintaining RX_ON state and perform SuncWord detection. If continuous operation timer completed before SyncWord detection, automatically move to SLEEP state. And If SyncWord detected, continue RX_ON state. [1 shot operation] After wake-up timer completion, move to RX_ON state. And perform CCA to check carrier. If no carrier detected, go back to SLEEP state automatically. After wake-up timer completion, wake-up to check the carrier again. If carrier is detected, continue RX state. Able to go back to SLEEP by setting SLEEP parameters. RXON TXON Wake-up timer Wake up operation enable setting Continuous operation timer Wake-up timer operation range [WUT_INTERVAL_H/L: B0 0x2F/0x30] LSI state SLEEP RXON Continuous operation timer range [WU_DURATION: B0 0x28] SyncWord detection before continuous operation timer completion After RX completion, move to SLEEP state by command. SLEEP RXON SLEEP RXON SLEEP RXON SLEEP No carrier detection, and move to SLEEP state. Carrier detected, and continue RX_ON. Continuous operation timer completion, and move to SLEEP state. [SLEEP/WU_SET: B0 0x2D(7-4)]=0b0011 FAST_DET_MODE_EN([CCA_CTRL: B0 0x39(3)])=0b1 RXON TXON Continuous operation timer Wake-up timer operation range [WUT_INTERVAL_H/L: B0 0x2F/0x30] LSI state Wake-up operation enable setting SLEEP RXON By SLEEP command go to SLEEP state. SLEEP RXON SLEEP SLEEP No carrier detected. go to SLEEP state Carrier detected, continue RXON SLEEP RXON [SLEEPWU_SET: B0 0x2D(7-4)]=0b1011 FAST_DET_MODE_EN([CCA_CTRL: B0 0x39(3)])=0b1 |