| データシートサーチシステム |
|
ML7344J データシート(PDF) 49 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J データシート(HTML) 49 Page - List of Unclassifed Manufacturers |
|
49 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 49/151 (2) RX_FIFO usage notification function This function is to notify remaining RX_FIFO by using interrupt (SINTN) to the MCU. If RX_FIFO usage (un-read data in RX_FIFO) exceed Full level threshold defined by [RXFIFO_THRH: B0 0x19] register, interrupt will generate as FIFO-Full interrupt (INT[5] group1). After MCU read RX data from RX_FIFO, un-read amount become smaller than Empty level threshold defined by [RXFIFO_THRL: B0 0x1A] register, interrupt will generated as FIFO-Empty (INT[4] group1). Interrupt signal (SINTN) can be output from GPIO* or EXT_CLK. For output setting, please refer to [GPIO1_CTRL: B0 0x4E], [GPIO1_CTRL: B0 0x4F], [GPIO2_CTRL: B0 0x50], [GPIO3_CTRL: B0 0x51], [EXTCLK_CTRL: B0 0x52] registers. [Reference Sequence]: 1. Set Full level threshold and Empy level threshold..Each threshold should set as RXFIFO_THRH[5:0] ([RXFIFO_THRH:B0 0x19(5-0)]) > RXFIFO_THRL[5:0] ([RXFIFO_THRL:B0 0x1A(5-0)]). And enabling Full level threshold by RXFIFO_THRH_EN([RXFIFO_THRH:B0 0x19(7)=0b1. 2. After issuing RX_ON, wait FIFO-Full interrupt (INT[5] group1) generation. 3. After FIFO-Full interrupt is generated, Clear the interupt. Then disabling Full level threshold (RXFIFO_THRH_EN= 0b0) and enabling Empty level threshold (RXFIFO_THRL_EN ([RXFIFO_THRL:B0 0x1A(7)])=0b1). And start reading RX data from RX_FIFO [RD_FIFO:B0 0x7F]. 4. After FIFO-Empty interrupt (INT[4] group1) is generated, Clear the interupt. Then disabling Empty level threshold (TXFIFO_THRL_EN=0b0) and enabling Full level threshold (TXFIFO_THRH_ EN=0b1). Then resume writing TX data to the TX_FIFO until next FIFO-Full interrupt occurs. 5. Repeat 3.-4. until completion of RX data read out. NOTE: When skip disabling threshold level at sequece 3. or 4., depending on RX data write (PHY block) and RX_FIFO read timing through SPI, in the middle of RX_FIFO reading, unwiilling FIFO-Full interrupt or FIFO-Empty interrupt may occurs. Empty level (Example 0x0F) Full level (Example 0x2E) 0x3F Generate interrupt when un-read data amount is less than Empty level after read RX data from RX FIFO. [FIFO usage] Time Full level Empty level RX data amount RX_FIFO usage transition 0x0F 0x2E SINTN signal Clear interrupt 0x00 Generate interrupt when RX Data exceed Full level |