| データシートサーチシステム |
|
ML7344J データシート(PDF) 96 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J データシート(HTML) 96 Page - List of Unclassifed Manufacturers |
|
96 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 96/151 [In case of PLL unlock interrupt] PLL lock detection control setting and ML7344 operation after interrupt generation LSI state check timig of PLL unlock detection PLL_LD_EN=0b1 [PLL_LOCK_DETECT:B1 0x0B(7)] PLL_LD_EN=0b0 [PLL_LOCK_DETECT:B1 0x0B(7)] TX PA_ON =”H” interrupt occurs and TX stops forcibly interrupt occurs and TX is continued RX RX enable =”H” interrupt occurs and RX is continued interrupt occurs and RX is continued [In case of VCO CAL request interrupt] PLL lock detection control setting and ML7344 operation after interrupt generation LSI state check timig of PLL unlock detection PLL_LD_EN=0b1 [PLL_LOCK_DETECT:B1 0x0B(7)] PLL_LD_EN=0b0 [PLL_LOCK_DETECT:B1 0x0B(7)] TX Rising edge of PA_ON signal interrupt occurs and TX stops forcibly interrupt occurs and TX is continued RX Rising edhe of RX enable signal interrupt occurs and RX is continued interrupt occurs and RX is continued |