| データシートサーチシステム |
|
ML7344J データシート(PDF) 84 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J データシート(HTML) 84 Page - List of Unclassifed Manufacturers |
|
84 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 84/151 ●Interrupt generation function ML7344 support interrupt generation function. When interrupt occurs, interrupt notification signal (SINTN) become “L” to notify interrupt to the host MCU. Interrupt elements are divided into the 3 groups, [INT_SOURCE_GRP1: B0 0x0D], [INT_SOURCE_GRP2: B0 0x0E] and [INT_SOURCE_GRP3: B0 0x0F]. Each interrupt element can be maskalable using [INT_EN_GRP1: B0 0x10], [INT_EN_GRP2: B0 0x11] and [INT_EN_GRP3: B0 0x12] registers. Interrupt notification signal (SINTN) can be output from GPIO* or EXT_CLK. For output setting, please refer to [GPIO1_CTRL: B0 0x4E], [GPIO1_CTRL: B0 0x4F], [GPIO2_CTRL: B0 0x50], [GPIO3_CTRL: B0 0x51] and [EXTCLK_CTRL: B0 0x52] registers. NOTE: In one of unmask interrupt event occurs, SINTN maintains Low. (1) Interrupt events table Each interrupt event is described below table. Register Interrupt name Description INT[0] Clock stabilization completion interrupt INT[1] VCO calibration completion interrupt/ INT[2] PLL unlock interrupt or VCO CAL request interrupt INT[3] RF state transition completion interrupt INT[4] FIFO-Empty interrupt INT[5] FIFO-Full interrupt INT[6] Wake-up timer completion interrupt INT_SOURCE_GRP1 INT[7] Clock calibration completion interrupt INT[8] RX completion interrupt INT[9] CRC error interrupt INT[10] Reserved INT[11] RX Length error interrupt INT[12] RX FIFO access error interrupt INT[13] SyncWord detection interrupt INT[14] Field checking interrupt INT_SOURCE_GRP2 INT[15] Sync error interrupt INT[16] TX completion interrupt INT[17] TX Data request accept completion interrupt INT[18] CCA completion interrupt INT[19] TX Length error interrupt INT[20] TX FIFO access error interrupt INT[21] Reserved INT[22] General purpose timer 1 interrupt INT_SOURCE_GRP3 INT[23] General purpose timer 2 interrupt |