データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3271 データシート(PDF) 1 Page - STMicroelectronics

部品番号 AN3271
部品情報  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 データシート(HTML) 1 Page - STMicroelectronics

  AN3271 Datasheet HTML 1Page - STMicroelectronics AN3271 Datasheet HTML 2Page - STMicroelectronics AN3271 Datasheet HTML 3Page - STMicroelectronics AN3271 Datasheet HTML 4Page - STMicroelectronics AN3271 Datasheet HTML 5Page - STMicroelectronics AN3271 Datasheet HTML 6Page - STMicroelectronics AN3271 Datasheet HTML 7Page - STMicroelectronics AN3271 Datasheet HTML 8Page - STMicroelectronics AN3271 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
June 2012
Doc ID 17933 Rev 2
1/29
AN3271
Application note
Using the STM6600, STM6601 smart push-button on/off controller
By Ales Sura
Introduction
This application note provides a detailed description of the primary applications and benefits
of the STM6600-STM6601. These devices allow easy and safe control of applications run
with one or two push-buttons by securely starting or powering down a system and also
resetting the processor or disabling power in case of a non-responding application (e.g.
code in a dead loop). This makes the STM660x devices suitable for a broad spectrum of
applications such as terminals, audio and video players, smartphones, PDAs, PCs, or any
portable device.
A smart on/off controller monitors the state of the connected push-button(s) as well as
ensures sufficient supply voltage. An enable output controls the power for the application
through a MOSFET transistor, DC-DC converter, regulator, etc. (see Figure 1).
The device also offers additional features such as a precise 1.5 V voltage reference with
very tight accuracy of ±1%, which can be used as a reference for A/D and D/A conversion.
The current consumption is a very low 6 µA during normal operation and only 0.6 µA current
during standby.
The STM660x is available in the tiny TDFN12 package and is offered with several optional
features such as selectable threshold, hysteresis, timeouts, output types, etc. (see
datasheet for available part options).
Figure 1.
Simplified hookup
www.st.com


同様の部品番号 - AN3271

メーカー部品番号データシート部品情報
logo
STMicroelectronics
AN3270 STMICROELECTRONICS-AN3270 Datasheet
289Kb / 23P
Using the STM8L16x AES hardware accelerator
01-Jul-2011
AN3275 STMICROELECTRONICS-AN3275 Datasheet
1Mb / 32P
Improving the performance of smartcard interfaces
04-Oct-2010
logo
Panasonic Semiconductor
AN3275SB PANASONIC-AN3275SB Datasheet
124Kb / 15P
CM detection IC for VCRs in the North American market
logo
STMicroelectronics
AN3276 STMICROELECTRONICS-AN3276 Datasheet
357Kb / 22P
ST solution for efficiency improvement in PFC applications
10-Nov-2010
More results

同様の説明 - AN3271

メーカー部品番号データシート部品情報
logo
STMicroelectronics
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
This application note describes
03-Jun-2008
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
This application note provides an easy introduction to the usage
17-Sep-2013
AN4503 STMICROELECTRONICS-AN4503 Datasheet
334Kb / 26P
This application note provides guidelines for successfully integrating
29-Jul-2014
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
This application note provides design guidelines
13-Jan-2012
AN1131 STMICROELECTRONICS-AN1131 Datasheet
215Kb / 17P
This application note provides information
AN1322 STMICROELECTRONICS-AN1322 Datasheet
121Kb / 9P
This application note provides information
REV.B
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
This application note describes
09-Oct-2009
AN2366 STMICROELECTRONICS-AN2366 Datasheet
101Kb / 8P
This application note provides information
01-Jul-2009
logo
Holt Integrated Circuit...
AN-550 HOLTIC-AN-550 Datasheet
93Kb / 11P
This application note provides recommendations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com