データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3271 データシート(PDF) 25 Page - STMicroelectronics

部品番号 AN3271
部品情報  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 データシート(HTML) 25 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics AN3271 Datasheet HTML 23Page - STMicroelectronics AN3271 Datasheet HTML 24Page - STMicroelectronics AN3271 Datasheet HTML 25Page - STMicroelectronics AN3271 Datasheet HTML 26Page - STMicroelectronics AN3271 Datasheet HTML 27Page - STMicroelectronics AN3271 Datasheet HTML 28Page - STMicroelectronics AN3271 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AN3271
Demonstration boards, promotion tools
Doc ID 17933 Rev 2
25/29
13
Demonstration boards, promotion tools
A complete set of demonstration/promotion tools is available for various purposes, from
easy high-level application functional demonstration down to tools for detailed testing (see
below). Please contact a local ST sales office for availability.
13.1
STM660x demonstration board
The board allows demonstration of the following STM660x features:
●
Push-button and Smart Reset application control;
●
Hardware power-down of a non-responding application;
●
Undervoltage protection with safe application power-down.
Various states can be easily simulated by push-buttons and slide switches. Operating
modes are indicated by LEDs and changing the display backlight.
Figure 21.
STM660x demonstration board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29