データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3271 データシート(PDF) 18 Page - STMicroelectronics

部品番号 AN3271
部品情報  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 データシート(HTML) 18 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 14Page - STMicroelectronics AN3271 Datasheet HTML 15Page - STMicroelectronics AN3271 Datasheet HTML 16Page - STMicroelectronics AN3271 Datasheet HTML 17Page - STMicroelectronics AN3271 Datasheet HTML 18Page - STMicroelectronics AN3271 Datasheet HTML 19Page - STMicroelectronics AN3271 Datasheet HTML 20Page - STMicroelectronics AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Automatic confirmation of power-up + immediate shutdown after PB button press or undervolt-
18/29
Doc ID 17933 Rev 2
A push-button (PB) press always asserts the interrupt (INT). Since INT is connected to
PSHOLD they both go low at the same time, EN output is deasserted, and therefore power
for the application is turned off (see Figure 16).
Figure 16.
Waveform for shutdown after PB button press



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29