データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3271 データシート(PDF) 10 Page - STMicroelectronics

部品番号 AN3271
部品情報  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 データシート(HTML) 10 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 6Page - STMicroelectronics AN3271 Datasheet HTML 7Page - STMicroelectronics AN3271 Datasheet HTML 8Page - STMicroelectronics AN3271 Datasheet HTML 9Page - STMicroelectronics AN3271 Datasheet HTML 10Page - STMicroelectronics AN3271 Datasheet HTML 11Page - STMicroelectronics AN3271 Datasheet HTML 12Page - STMicroelectronics AN3271 Datasheet HTML 13Page - STMicroelectronics AN3271 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
STM660x advantages over alternative solutions
AN3271
10/29
Doc ID 17933 Rev 2
4
STM660x advantages over alternative solutions
4.1
Using a microprocessor
Some applications use a processor for monitoring the push-buttons. This solution however
has some disadvantages compared to the STM660x.
Disadvantages of monitoring using a microprocessor
●
If the processor is frozen, the control of the buttons is lost
●
Processor can NOT go into standby mode as it must continuously monitor the push-
buttons
●
Additional load on the processor (I/O pins are needed, the software has to monitor the
push-buttons)
●
Noise sensitivity
Advantages of monitoring with the STM660x
●
Functionality independent from the processor
●
Push-buttons monitored even if power for the system is disabled and the STM660x is in
standby mode (negligible current consumption of 0.6 µA)
●
Glitch immunity - glitches shorter than 32 ms are ignored
●
High ESD protection of the inputs
4.2
Discrete solution
Other applications try to replicate STM660x functionality by using a discrete solution.
Disadvantages of a discrete solution
●
Significant space on the PCB is needed
●
High current consumption
●
Sensitivity to accuracy of discrete components
●
Noise sensitivity
Advantages of using the STM660x
●
Compact solution, which needs a tiny fraction of PCB space compared to a discrete
solution (at least 20 discrete components are needed to reproduce only a basic
functionality of the STM660x devices which are available in a tiny TDFN12 - 2 x 3 mm
package)
●
Low current consumption of 6 µA and only 0.6 µA in standby mode
●
Push-buttons monitored even if power for the system is disabled and the STM660x is in
standby mode (negligible current consumption of 0.6 µA)
●
Glitch immunity - glitches shorter than 32 ms are ignored
●
High ESD protection of the inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com