データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3271 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN3271
部品情報  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 9Page - STMicroelectronics AN3271 Datasheet HTML 10Page - STMicroelectronics AN3271 Datasheet HTML 11Page - STMicroelectronics AN3271 Datasheet HTML 12Page - STMicroelectronics AN3271 Datasheet HTML 13Page - STMicroelectronics AN3271 Datasheet HTML 14Page - STMicroelectronics AN3271 Datasheet HTML 15Page - STMicroelectronics AN3271 Datasheet HTML 16Page - STMicroelectronics AN3271 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN3271
Various connections of push-buttons
Doc ID 17933 Rev 2
13/29
6.2
Alternative single button control
The hookup in Figure 10 might suggest identical functionality compared to hookup in
Figure 9. However SR input is monitored for falling edge after power-up and must not be
grounded permanently. In addition some flavors have internal pull-up resistor connected to
SR input, which would create additional current. Therefore hookup in Figure 9 is
recommended for single button control.
Figure 10.
Alternative single button control
1.
Internal pull-up resistor is available on STM660xA, STM660xB, STM660xC and STM660xD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29