データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST9 データシート(PDF) 104 Page - STMicroelectronics

部品番号 ST9
部品情報  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 データシート(HTML) 104 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 100Page - STMicroelectronics ST9 Datasheet HTML 101Page - STMicroelectronics ST9 Datasheet HTML 102Page - STMicroelectronics ST9 Datasheet HTML 103Page - STMicroelectronics ST9 Datasheet HTML 104Page - STMicroelectronics ST9 Datasheet HTML 105Page - STMicroelectronics ST9 Datasheet HTML 106Page - STMicroelectronics ST9 Datasheet HTML 107Page - STMicroelectronics ST9 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 146 page
background image
104/146
ST9 USER GUIDE
4.8.2.2 MFT File
4.8.2.2.1 MFT Files without DMA
The MFT function file is <mft\appli1\mft.c> and contains 6 functions that are initialized for gen-
erating two PWM signals using the two output pins of the MFT0.
Compare0 and Compare1 events are managed by interrupts.
Input A is used as a gate: as long as a +5V level is applied on it, the counter stops down-
counting and the PWM signals are thus not generated.
The following ports are used for this:
– T0OUTB
– T0OUTA
– T0INA
Table 5.
APPLI1\MFT.C Functions
4.8.2.2.2 MFT files with DMA
The MFT function file is <mft\appli2\mft.c> and contains 7 functions that are initialized for gen-
erating a PWM signal using the MFT and a DMA channel.
void INIT_ADC_IT(void);
The pointer to the array of two IT vectors dedicated to the AD is initialized.
The priority of these interrupts is initialized. This routine initializes both end
of count and analog watchdog. Don't forget to initialize your start-up file
correctly.
void Enable_ADC_IT(void);
This routine enables interrupts: End of Conversion or/and Analog Watch-
dog.
void
INTADC_AnaWd(void);
Interrupt subroutine dedicated to Analog Watchdog.
void
INTADC_EndConv(void);
Interrupt subroutine which occurs after an end of conversion event.
Function
Description and Comments
void INIT_MFT(void);
MFT initialization.
It initializes the value loaded into the prescaler and into the counter.
void START_MFT(void);
Start the MFT.
void STOP_MFT (void);
Stop the MFT.
void INIT_MFT_IT(void);
This function configures the IT for the MFT.
void Enable_MFTCM_IT(void);
Enables Compare0 and Compare1 IT.
void INTMFT_Compare(void);
Interrupt subroutine which occurs after:
- Compare 0
- Compare 1
Only one IT vector.
Function
Description and Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More