| データシートサーチシステム |
|
ST9 データシート(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 データシート(HTML) 106 Page - STMicroelectronics |
|
106 / 146 page ![]() 106/146 ST9 USER GUIDE Table 7. APPLI3\MFT.C Functions 4.8.2.3 RCCU File The RCCU file is <rrcu\rccu.c> and contains 5 functions for controlling the RCCU in your ap- plication. The header file has no uninitialized constants since the functions are dedicated. Table 8. RCCU.C Functions 4.8.2.4 SCI File 4.8.2.4.1 Simple SCI Files (SCI-M) The SCI function file is <sci\appli1\sci.c> and contains 4 functions that are initialized for sending ten bytes from the ST9 to the serial link (RS232). It uses End of Transmission interrupts. Port used: – Tx (S0OUT) Function Description and Comments void INIT_MFT(void); MFT initialization. It initializes the value loaded into the prescaler and into the counter. void START_MFT(void); Start the MFT in the swap mode. void STOP_MFT (void); Stop the MFT. void INIT_MFT_ITDMA(void); This function configures the IT and the DMA for the MFT. void Enable_MFTCP0_DMA(un- signed int * CompBuffer, un- signed int Count) Enable Compare0 DMA. void INTMFT_CompEOB(void); Interrupt subroutine which occurs after a compare0 DMA end of block. The DMA is swapped. FUNCTION DESCRIPTION AND COMMENTS void INIT_PLL(void); Initialize the PLL, Mul. by 6, div. by 1. Wait 500µs to stabilize the PLL. void INIT_clock2(void); INTCLK = CLOCK2 = EXT OSCILLATOR / 2. void INIT_clock2_16(void); INTCLK = CLOCK2/16 = EXT OSCILLATOR / 32. void SWITCH_TO_EXTCLK(void ); Stop the Xtal oscillator and select the external clock (if present). void BACK_TO_XTAL(void); Restart the Xtal oscillator and select it as the clock source. |