データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0215 データシート(PDF) 57 Page - STMicroelectronics

部品番号 PM0215
部品情報  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 データシート(HTML) 57 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 53Page - STMicroelectronics PM0215 Datasheet HTML 54Page - STMicroelectronics PM0215 Datasheet HTML 55Page - STMicroelectronics PM0215 Datasheet HTML 56Page - STMicroelectronics PM0215 Datasheet HTML 57Page - STMicroelectronics PM0215 Datasheet HTML 58Page - STMicroelectronics PM0215 Datasheet HTML 59Page - STMicroelectronics PM0215 Datasheet HTML 60Page - STMicroelectronics PM0215 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
PM0215
The STM32 Cortex-M0 instruction set
Doc ID 022979 Rev 1
57/91
3.5.8
SXTB, SXTH, UXTB and UXTH
Sign extend and Zero extend.
Syntax
SXTB Rd, Rm
SXTH Rd, Rm
UXTB Rd, Rm
UXTH Rd, Rm
where:
‘Rd’ is the destination register
‘Rn’ ,‘Rm’ are the registers holding the first and second operands
Operation
These instructions extract bits from the resulting value:
1.
SXTB extracts bits[7:0] and sign extends to 32 bits
2.
UXTB extracts bits[7:0] and zero extends to 32 bits
3.
SXTH extracts bits[15:0] and sign extends to 32 bits
4.
UXTH extracts bits[15:0] and zero extends to 32 bits.
Restrictions
In these instructions, Rd and Rm must only specify R0-R7.
Condition flags
These instructions do not affect the flags.
Examples
SXTH R4, R6
; Obtain the lower halfword of the
; value in R6 and then sign extend to
; 32 bits and write the result to R4.
UXTB R3, R1
; Extract lowest byte of the value in R10 and zero
; extend it, and write the result to R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91