データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0215 データシート(PDF) 21 Page - STMicroelectronics

部品番号 PM0215
部品情報  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 データシート(HTML) 21 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 17Page - STMicroelectronics PM0215 Datasheet HTML 18Page - STMicroelectronics PM0215 Datasheet HTML 19Page - STMicroelectronics PM0215 Datasheet HTML 20Page - STMicroelectronics PM0215 Datasheet HTML 21Page - STMicroelectronics PM0215 Datasheet HTML 22Page - STMicroelectronics PM0215 Datasheet HTML 23Page - STMicroelectronics PM0215 Datasheet HTML 24Page - STMicroelectronics PM0215 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
PM0215
The STM32 Cortex-M0 processor
Doc ID 022979 Rev 1
21/91
Use memory barrier instructions in, for example:
Vector table: If the program changes an entry in the vector table, and then enables the
corresponding exception, use a DMB instruction between the operations. This ensures
that if the exception is taken immediately after being enabled the processor uses the
new exception vector.
Self-modifying code: If a program contains self-modifying code, use an ISB
instruction immediately after the code modification in the program. This ensures
subsequent instruction execution uses the updated program.
Memory map switching: If the system contains a memory map switching mechanism,
use a DSB instruction after switching the memory map in the program. This ensures
subsequent instruction execution uses the updated memory map.
Memory accesses to Strongly-ordered memory, such as the system control block, do not
require the use of DMB instructions.
2.2.5
Memory endianness
The processor views memory as a linear collection of bytes numbered in ascending order
from zero. For example, bytes 0-3 hold the first stored word, and bytes 4-7 hold the second
stored word.
Little-endian format
In little-endian format, the processor stores the least significant byte (lsbyte) of a word at the
lowest-numbered byte, and the most significant byte (msbyte) at the highest-numbered byte.
See Figure 7 for an example.
Figure 7.
Little-endian example
0HPRU\
5HJLVWHU
$GGUHVV$
$
OVE\WH
PVE\WH
$
$


%
%
%
%



 

%
%
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91