データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0215 データシート(PDF) 65 Page - STMicroelectronics

部品番号 PM0215
部品情報  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 データシート(HTML) 65 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 61Page - STMicroelectronics PM0215 Datasheet HTML 62Page - STMicroelectronics PM0215 Datasheet HTML 63Page - STMicroelectronics PM0215 Datasheet HTML 64Page - STMicroelectronics PM0215 Datasheet HTML 65Page - STMicroelectronics PM0215 Datasheet HTML 66Page - STMicroelectronics PM0215 Datasheet HTML 67Page - STMicroelectronics PM0215 Datasheet HTML 68Page - STMicroelectronics PM0215 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
PM0215
The STM32 Cortex-M0 instruction set
Doc ID 022979 Rev 1
65/91
3.7.7
MSR
Move the contents of a general-purpose register into the specified special register.
Syntax
MSR spec_reg, Rn
where:
‘Rn’ is the general-purpose source register.
‘spec_reg’ is the special-purpose destination register: APSR, IPSR, EPSR, IEPSR,
IAPSR, EAPSR, PSR, MSP, PSP, PRIMASK, or CONTROL.
Operation
MSR updates one of the special registers with the value from the register specified by Rn.
See MRS on page 64.
Restrictions
Rn must not be SP and must not be PC.
Condition flags
This instruction updates the flags explicitly based on the value in Rn.
Examples
MSR
CONTROL, R1
; Read R1 value and write it to the CONTROL register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91