データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0215 データシート(PDF) 71 Page - STMicroelectronics

部品番号 PM0215
部品情報  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 データシート(HTML) 71 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 67Page - STMicroelectronics PM0215 Datasheet HTML 68Page - STMicroelectronics PM0215 Datasheet HTML 69Page - STMicroelectronics PM0215 Datasheet HTML 70Page - STMicroelectronics PM0215 Datasheet HTML 71Page - STMicroelectronics PM0215 Datasheet HTML 72Page - STMicroelectronics PM0215 Datasheet HTML 73Page - STMicroelectronics PM0215 Datasheet HTML 74Page - STMicroelectronics PM0215 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
PM0215
Core peripherals
Doc ID 022979 Rev 1
71/91
4.2.2
Interrupt set-enable register (ISER)
Address offset: 0x00
Reset value: 0x0000 0000
The ISER register enables interrupts, and shows which interrupts are enabled
4.2.3
Interrupt clear-enable register (ICER)
Address offset: 0x080
Reset value: 0x0000 0000
The ICER register disables interrupts, and shows which interrupts are enabled.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SETENA[31:16]
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
15
14
13
12
11
10
9
8
7
6
5
4321
0
SETENA[15:0]
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
Bits 31:0 SETENA: Interrupt set-enable bits.
Write:
0: No effect
1: Enable interrupt
Read:
0: Interrupt disabled
1: Interrupt enabled.
If a pending interrupt is enabled, the NVIC activates the interrupt based on its priority. If an
interrupt is not enabled, asserting its interrupt signal changes the interrupt state to pending,
but the NVIC never activates the interrupt, regardless of its priority.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CLRENA[31:16]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
15
14
13
12
11
10
9
8
7
6
5
4321
0
CLRENA[15:0]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
Bits 31:0 CLRENA: Interrupt clear-enable bits.
Write:
0: No effect
1: Disable interrupt
Read:
0: Interrupt disabled
1: Interrupt enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91