データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0215 データシート(PDF) 60 Page - STMicroelectronics

部品番号 PM0215
部品情報  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 データシート(HTML) 60 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 56Page - STMicroelectronics PM0215 Datasheet HTML 57Page - STMicroelectronics PM0215 Datasheet HTML 58Page - STMicroelectronics PM0215 Datasheet HTML 59Page - STMicroelectronics PM0215 Datasheet HTML 60Page - STMicroelectronics PM0215 Datasheet HTML 61Page - STMicroelectronics PM0215 Datasheet HTML 62Page - STMicroelectronics PM0215 Datasheet HTML 63Page - STMicroelectronics PM0215 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
The STM32 Cortex-M0 instruction set
PM0215
60/91
Doc ID 022979 Rev 1
Restrictions
The restrictions are:
●
Do not use SP or PC in the BX or BLX instruction
●
For BX and BLX, bit[0] of Rm must be 1 for correct execution. Bit[0] is used to update
the EPSR T-bit and is discarded from the target address.
Bcond is the only conditional instruction on the Cortex-M0 processor.
Condition flags
These instructions do not change the flags.
Examples
B
loopA
; Branch to loopA
BL
funC
; Branch with link (Call) to function funC, return address
; stored in LR
BX
LR
; Return from function call
BLX
R0
; Branch with link and exchange (Call) to a address stored
; in R0
BEQ
labelD
; Conditionally branch to labelD if last flag setting
; instruction set the Z flag, else do not branch.
BL label
−16 MB to +16 MB
BX Rm
Any value in register
BLX Rm
Any value in register
Table 22.
Branch ranges (continued)
Instruction
Branch range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91