データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0223 データシート(PDF) 69 Page - STMicroelectronics

部品番号 PM0223
部品情報  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 データシート(HTML) 69 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 65Page - STMicroelectronics PM0223 Datasheet HTML 66Page - STMicroelectronics PM0223 Datasheet HTML 67Page - STMicroelectronics PM0223 Datasheet HTML 68Page - STMicroelectronics PM0223 Datasheet HTML 69Page - STMicroelectronics PM0223 Datasheet HTML 70Page - STMicroelectronics PM0223 Datasheet HTML 71Page - STMicroelectronics PM0223 Datasheet HTML 72Page - STMicroelectronics PM0223 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
DocID025763 Rev 1
69/110
PM0223
The STM32L0 Cortex-M0+ Instruction Set
80
3.7.1
BKPT
Breakpoint.
Syntax
BKPT #imm
where:
Operation
The BKPT instruction causes the processor to enter Debug state. Debug tools can use this
to investigate system state when the instruction at a particular address is reached.
Imm
is ignored by the processor. If required, a debugger can use it to store additional
information about the breakpoint.
The processor might also produce a HardFault or go in to Lockup if a debugger is not
attached when a BKPT instruction is executed. See 2.4.1: Lockup on page 33 for more
information.
Restrictions
There are no restrictions.
Condition flags
This instruction does not change the flags.
Examples
BKPT #0
; Breakpoint with immediate value set to 0x0.
Imm
Is an integer in the range 0-255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More