データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0223 データシート(PDF) 49 Page - STMicroelectronics

部品番号 PM0223
部品情報  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 データシート(HTML) 49 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 45Page - STMicroelectronics PM0223 Datasheet HTML 46Page - STMicroelectronics PM0223 Datasheet HTML 47Page - STMicroelectronics PM0223 Datasheet HTML 48Page - STMicroelectronics PM0223 Datasheet HTML 49Page - STMicroelectronics PM0223 Datasheet HTML 50Page - STMicroelectronics PM0223 Datasheet HTML 51Page - STMicroelectronics PM0223 Datasheet HTML 52Page - STMicroelectronics PM0223 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
DocID025763 Rev 1
49/110
PM0223
The STM32L0 Cortex-M0+ Instruction Set
80
3.4.4
LDR, PC-relative
Load register (literal) from memory.
Syntax
LDR Rt, label
where:
Operation
Loads the register specified by Rt from the word in memory specified by label.
Restrictions
In these instructions, label must be within 1020 bytes of the current PC and word aligned.
Condition flags
These instructions do not change the flags.
Examples
LDR
R0, LookUpTable
; Load R0 with a word of data from an address
; labelled as LookUpTable.
LDR
R3, [PC, #100]
; Load R3 with memory word at (PC + 100).
Rt
Is the register to load
label
Is a PC-relative expression. See 3.3.5: PC-relative expressions on page 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More