| データシートサーチシステム |
|
PM0223 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0223 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 110 page ![]() DocID025763 Rev 1 13/110 PM0223 The STM32L0 Cortex-M0+ Processor 35 2.1.3 Core registers The processor core register are: Figure 2. Processor core registers Table 2. Summary of processor mode, execution privilege level, and stack use options Processor mode Used to execute Privilege level for software execution Stack used Thread Applications Privileged or unprivileged(1) 1. See CONTROL register on page 17 Main stack or process stack(1) Handler Exception handlers Always privileged Main stack Table 3. Core register set summary Name Type(1) Reset value Description R0-R12 RW Unknown General-purpose registers on page 14. MSP RW See description Stack Pointer on page 14. PSP RW Unknown Stack Pointer on page 14 LR RW Unknown Link Register on page 14 PC RW See description Program Counter on page 14 PSR RW Unknown(2) Program Status Register on page 14 |