| データシートサーチシステム |
|
PM0223 データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0223 データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 110 page ![]() The STM32L0 Cortex-M0+ Instruction Set PM0223 44/110 DocID025763 Rev 1 Condition code suffixes Conditional branch is shown in syntax descriptions as B{cond}. A branch instruction with a condition code is only taken if the condition code flags in the APSR meet the specified condition, otherwise the branch instruction is ignored. Table 18 shows the condition codes to use. Table 18 also shows the relationship between condition code suffixes and the N, Z, C, and V flags . Table 18. Condition code suffixes Suffix Flags Meaning EQ Z = 1 Equal, last flag setting result was zero. NE Z = 0 Not equal, last flag setting result was non-zero. CS or HS C = 1 Higher or same, unsigned. CC or LO C = 0 Lower, unsigned. MI N = 1 Negative. PL N = 0 Positive or zero. VS V = 1 Overflow. VC V = 0 No overflow. HI C = 1 and Z = 0 Higher, unsigned. LS C = 0 or Z = 1 Lower or same, unsigned. GE N = V Greater than or equal, signed. LT N != V Less than, signed. GT Z = 0 and N = V Greater than, signed. LE Z = 1 or N != V Less than or equal, signed. AL Can have any value Always. This is the default when no suffix is specified. |