データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9663 データシート(PDF) 79 Page - STMicroelectronics

部品番号 L9663
部品情報  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 データシート(HTML) 79 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 75Page - STMicroelectronics L9663 Datasheet HTML 76Page - STMicroelectronics L9663 Datasheet HTML 77Page - STMicroelectronics L9663 Datasheet HTML 78Page - STMicroelectronics L9663 Datasheet HTML 79Page - STMicroelectronics L9663 Datasheet HTML 80Page - STMicroelectronics L9663 Datasheet HTML 81Page - STMicroelectronics L9663 Datasheet HTML 82Page - STMicroelectronics L9663 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
DocID028693 Rev 1
79/104
L9663
Communication interface
103
ADVRD4
Advanced Read 4
Address:
110101
Type:
RO
Description:
ADVRD5
Advanced Read 5
Address:
110110
Type:
RO
Description:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
----------------
RO
[15:10] RESERVED
[9:0] BASE2: Base current level on PSI5 channel 2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
----------------
RO
[15:10] RESERVED
[9:0] DELTA2: Delta current level I(threshold) - I(base) on PSI5 channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More