データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9663 データシート(PDF) 101 Page - STMicroelectronics

部品番号 L9663
部品情報  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 データシート(HTML) 101 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 96Page - STMicroelectronics L9663 Datasheet HTML 97Page - STMicroelectronics L9663 Datasheet HTML 98Page - STMicroelectronics L9663 Datasheet HTML 99Page - STMicroelectronics L9663 Datasheet HTML 100Page - STMicroelectronics L9663 Datasheet HTML 101Page - STMicroelectronics L9663 Datasheet HTML 102Page - STMicroelectronics L9663 Datasheet HTML 103Page - STMicroelectronics L9663 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
DocID028693 Rev 1
101/104
L9663
Package information
103
8.2
VFQFPN-28 (5x5x1.0 mm) package information
Figure 33. VFQFPN-28 (5x5x1.0 mm) package outline
Table 29. VFQFPN-28 (5x5x1.0 mm) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.85
0.95
1.05
0.0335
0.0374
0.0413
A1
-
-
0.05
-
-
0.0020
A3
-
0.2
-
-
0.0079
-
D
4.85
5
5.15
0.1909
0.1969
0.2028
E
4.85
5
5.15
0.1909
0.1969
0.2028
D2
3.25
3.4
3.55
0.1280
0.1339
0.1398
E2
3.25
3.4
3.55
0.1280
0.1339
0.1398
e
-
0.5
-
-
0.0197
-
J
-
0.3
-
-
0.0118
-
L
0.4
0.5
0.6
0.0157
0.0197
0.0236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More