データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC875 データシート(PDF) 27 Page - Freescale Semiconductor, Inc

部品番号 MPC875
部品情報  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 データシート(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
27
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Bus Signal Timing
Figure 10 provides the timing for the input data controlled by the UPM for data beats where DLT3 = 1 in the UPM
RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.)
Figure 10. Input Data Timing when Controlled by UPM in the Memory Controller and DLT3 = 1
Figure 11 through Figure 14 provide the timing for the external bus read controlled by various GPCM factors.
Figure 11. External Bus Read Timing (GPCM Controlled—ACS = 00)
CLKOUT
TA
D[0:31]
B20
B21
CLKOUT
A[0:31]
CSx
OE
WE[0:3]
TS
D[0:31]
B11
B12
B23
B8
B22
B26
B19
B18
B25
B28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84