データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC875 データシート(PDF) 80 Page - Freescale Semiconductor, Inc

部品番号 MPC875
部品情報  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 データシート(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 84Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
80
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Mechanical Data and Ordering Information
VDDH
G7, G8, G9, G10, G11, G12, H7, H12, J7, J12, K7, K12, L7, L12, M7,
M8, M9, M10, M11, M12
Power
N/C
B17, T16, U2, U17
No-connect
Table 36. Pin AssignmentsJEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84