| データシートサーチシステム |
|
GXM データシート(PDF) 23 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
GXM データシート(HTML) 23 Page - National Semiconductor (TI) |
|
23 / 244 page ![]() Revision 3.1 23 www.national.com Signal Definitions (Continued) Note: PU/PD indicates pin is internally connected to a 20-kohm pull-up/ down resistor VCC2 PWR E27 VCC2 PWR E29 VCC2 PWR J33 VCC2 PWR L1 VCC2 PWR L3 VCC2 PWR L5 VCC2 PWR L33 VCC2 PWR L35 VCC2 PWR L37 VCC2 PWR AC1 VCC2 PWR AC3 VCC2 PWR AC5 VCC2 PWR AC33 VCC2 PWR AC35 VCC2 PWR AC37 VCC2 PWR AE5 VCC2 PWR AE33 VCC2 PWR AJ9 VCC2 PWR AJ27 VCC2 PWR AJ29 VCC2 PWR AL1 VCC2 PWR AL9 VCC2 PWR AL29 VCC2 PWR AN3 VCC2 PWR AN9 VCC2 PWR AN29 VCC3 PWR A3 VCC3 PWR A13 VCC3 PWR A25 Signal Name Type Pin. No. VCC3 PWR A35 VCC3 PWR C1 VCC3 PWR C19 VCC3 PWR C37 VCC3 PWR N1 VCC3 PWR N37 VCC3 PWR U3 VCC3 PWR U35 VCC3 PWR AA1 VCC3 PWR AA37 VCC3 PWR AL19 VCC3 PWR AL37 VCC3 PWR AN13 VCC3 PWR AN25 VCC3 PWR AN35 VID_CLK O V4 VID_DATA0 O AK6 VID_DATA1 O AN5 VID_DATA2 O AL5 VID_DATA3 O AM4 VID_DATA4 O AL3 VID_DATA5 O AJ5 VID_DATA6 O AH4 VID_DATA7 O AM2 VID_RDY I AK2 VID_VAL O S3 VOLDET O AM36 VSS GND A7 VSS GND A19 Signal Name Type Pin. No. VSS GND A31 VSS GND A37 VSS GND B2 VSS GND C15 VSS GND C23 VSS GND E7 VSS GND E13 VSS GND E19 VSS GND E25 VSS GND E31 VSS GND G1 VSS GND G5 VSS GND G33 VSS GND G37 VSS GND J3 VSS GND J35 VSS GND N5 VSS GND N33 VSS GND Q3 VSS GND Q35 VSS GND U1 VSS GND U5 VSS GND U33 VSS GND U37 VSS GND Y3 VSS GND Y35 VSS GND AA5 VSS GND AA33 VSS GND AE3 Signal Name Type Pin. No. VSS GND AE35 VSS GND AG1 VSS GND AG5 VSS GND AG33 VSS GND AG37 VSS GND AJ7 VSS GND AJ13 VSS GND AJ19 VSS GND AJ25 VSS GND AJ31 VSS GND AK4 VSS GND AK34 VSS GND AL15 VSS GND AL23 VSS GND AN1 VSS GND AN7 VSS GND AN19 VSS GND AN31 VSS GND AN37 WEA# O W33 WEB# O W35 Signal Name Type Pin. No. Table 2-5. 320 SPGA Pin Assignments - Sorted Alphabetically by Signal Name (Continued) |