データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ120 データシート(PDF) 65 Page - STMicroelectronics

部品番号 L99DZ120
部品情報  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 データシート(HTML) 65 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 61Page - STMicroelectronics L99DZ120 Datasheet HTML 62Page - STMicroelectronics L99DZ120 Datasheet HTML 63Page - STMicroelectronics L99DZ120 Datasheet HTML 64Page - STMicroelectronics L99DZ120 Datasheet HTML 65Page - STMicroelectronics L99DZ120 Datasheet HTML 66Page - STMicroelectronics L99DZ120 Datasheet HTML 67Page - STMicroelectronics L99DZ120 Datasheet HTML 68Page - STMicroelectronics L99DZ120 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 162 page
background image
DocID029145 Rev 4
65/162
L99DZ120
Application information
161
Window watchdog
V1 monitor
On
Off (on if IV1 > ICMP
and ICMP = 0)
Off
Wake up
Off
Active(3)
Active(3)
HS-cyclic supply
Oscillator time
base
On / Off
On(2) / Off
On(2) / Off
LIN
LIN 2.2a
On
Off(4)
Off(4)
Oscillator OSC1
2 MHz
On
On/Off(5)
On/Off(5)
Oscillator OSC2
32 MHz
ON
Off
Off
VSREG-Monitor
On
(6)
(6)
VS-Monitor
On
Off
Off
H-bridge Gate Driver, bridge
drivers, all high-side drivers
(except OUT_HS & OUT15)
supplied by VS
On/ Off(2)
Off
Off
Fail-safe low-side switches
On/ Off(7)
On
On
Short circuit protection for
fail-safe low-side switches (in
case LS is switched on)
On
On
On
OUT_HS & OUT15 (P-
channel HS) supplied by
VSREG
On/ Off(2)
On/ Off (2)
On/ Off(2)
Charge pump
On
Off
Off
ADC (SPI read out and
VSREG early warning
interrupt)
On
Off
Off
Thermal shutdown TSD2
On
On
Off
Thermal shutdown TSD1x for
OUT_HS and OUT15 (P-
channel HS)
On
On/ Off(2)
On/ Off(2)
1. Supply the processor in low current mode.
2. According to SPI setting and DIR.
3. Unless disabled by SPI.
4. The bus state is internally stored when going to standby mode. A change of bus state will lead to a wake-up after exceeding
of internal filter time.
5. ON, if cyclic sense is enabled or during wake-up request.
6. Cyclic activation = pulsed ON during cyclic sense.
7. ON in Fail-Safe mode; if standby mode is entered with active Fail-safe mode the output remains ON in standby mode.
Table 45. Status of different functions/features vs operating modes (continued)
Function
Comments
Operating modes
Active mode
V1-standby static
mode (cyclic sense)
Vbat-standby static
mode (cyclic sense)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com