データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ120 データシート(PDF) 82 Page - STMicroelectronics

部品番号 L99DZ120
部品情報  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 データシート(HTML) 82 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 78Page - STMicroelectronics L99DZ120 Datasheet HTML 79Page - STMicroelectronics L99DZ120 Datasheet HTML 80Page - STMicroelectronics L99DZ120 Datasheet HTML 81Page - STMicroelectronics L99DZ120 Datasheet HTML 82Page - STMicroelectronics L99DZ120 Datasheet HTML 83Page - STMicroelectronics L99DZ120 Datasheet HTML 84Page - STMicroelectronics L99DZ120 Datasheet HTML 85Page - STMicroelectronics L99DZ120 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 162 page
background image
Application information
L99DZ120
82/162
DocID029145 Rev 4
be driven at the outputs OUT1 and OUT4-6 without external freewheeling diodes. The high-
side drivers OUT7 to OUT15 and OUT_HS are intended to drive resistive loads only.
Therefore only a limited energy (E < 1 mJ) can be dissipated by the internal ESD-diodes in
freewheeling condition. For inductive loads (L > 100 μH) an external freewheeling diode
connected between GND and the corresponding output is required.
4.17
Open-load detection
The open-load detection monitors the load current in each activated output stage. If the load
current is below the open-load detection threshold for t > tOL_OUT the corresponding open-
load bit OUTx_OL (SR 5) is set in the status register.
4.18
Overcurrent detection
An overcurrent condition is detected after a filter time (see Figure 11 and Figure 12) and is
indicated by the status bit OUTx_OC (SR 3). In case of overcurrent, the corresponding
driver switches off to reduce the power dissipation and to protect the integrated circuit. If the
outputs are not configured in recovery mode, the microcontroller has to clear the relevant
status bits to reactivate the corresponding drivers.
4.19
Current monitor
The current monitor sources a current image of the power stage output current at the
current monitor pin CM, which has a fixed ratio (ICMr) of the instantaneous current of the
selected high-side driver. The signal at output CM is blanked for tcmb after switching on the
driver until the correct settlement of the circuitry. The bits CM_SELx (CR 7) define which of
the outputs is multiplexed to the current monitor output CM. The current monitor output
allows a more precise analysis of the actual state of the load rather than the detection of an
open-load or overload condition. For example, it can be used to detect the motor state
(starting, free running, stalled). The current monitor output is enabled after the current-
monitor blanking time, when the selected output is switched on. If this output is off, the
current monitor output is in high impedance mode. The current monitor can be deactivated
by CM_EN (CR 7).
4.20
PWM mode of the power outputs
Description see Section 7.3: Status register overview.
4.21
Cross-current protection
The four half-bridges of the device are cross-current protected by an internal delay time. If
one driver (LS or HS) is turned off, the activation of the other driver of the same half-bridge
will be automatically delayed by the crosscurrent protection time. After the crosscurrent
protection time is expired the slew-rate limited switch-off phase of the driver is changed to a
fast turn-off phase and the opposite driver is turned-on with slew-rate limitation. Due to this
behavior, it is always guaranteed that the previously activated driver is completely turned off
before the opposite driver starts to conduct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com