データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ120 データシート(PDF) 37 Page - STMicroelectronics

部品番号 L99DZ120
部品情報  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 データシート(HTML) 37 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 33Page - STMicroelectronics L99DZ120 Datasheet HTML 34Page - STMicroelectronics L99DZ120 Datasheet HTML 35Page - STMicroelectronics L99DZ120 Datasheet HTML 36Page - STMicroelectronics L99DZ120 Datasheet HTML 37Page - STMicroelectronics L99DZ120 Datasheet HTML 38Page - STMicroelectronics L99DZ120 Datasheet HTML 39Page - STMicroelectronics L99DZ120 Datasheet HTML 40Page - STMicroelectronics L99DZ120 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 162 page
background image
DocID029145 Rev 4
37/162
L99DZ120
Electrical specifications
161
3.4.11
Power outputs switching times
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless
otherwise specified.
Table 16. Power outputs switching times
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
td ON H
Output delay time high-side driver
on (OUT1,4,5,6)
VS = 13.5 V; V1 = 5 V;
corresponding low-side
driver is not active (1)(2)(3)
(from CSN 50% to OUT
50%) see Figure 20
15
40
80
µs
Output delay time high-side driver
on (OUT7,8)
20
40
90
µs
td OFF H
Output delay time high-side driver
off (OUT1,4,5,6)
VS = 13.5 V; V1 = 5 V
(1)(2)(3) (from CSN 50% to
OUT 50%) see Figure 20
50
150
300
µs
Output delay time high-side driver
off (OUT7,8)
20
70
130
µs
td ON H
Output delay time high-side driver
on (OUT9 …OUT15, OUT_HS)
VS/VSREG = 13.5 V;
V1 = 5 V; (from CSN 80% to
OUT 80%)
30
µs
td OFF H
Output switch off delay time high-
side driver on (OUT9 …OUT15,
OUT_HS)
VS/VSREG = 13.5 V;
V1 = 5 V; (from CSN 80% to
OUT 20%)
35
µs
td ON L
Output delay time low-side driver
(OUT1-6) on
VS = 13.5 V; V1 = 5 V;
corresponding high-side
driver is not active (1)(2)(3)
(from CSN 50% to OUT
50%) see Figure 20
15
30
70
µs
td OFF L
Output delay time low-side driver
(OUT1-6) off
VS = 13.5 V; V1 = 5 V
(1)(2)(3) (from CSN 50% to
OUT 50%) see Figure 20
40
150
300
µs
td HL
Cross current protection time
(OUT1-6)
tcc ONLS_OFFHS – td OFF H(4)
50
200
400
µs
td LH
tcc ONHS_OFFLS – td OFF L (4)
dVOUT/dt Slew rate of OUT1-OUT8
VS = 13.5 V; V1 = 5 V
(1)(2)(3)
0.1
0.2
0.6
V/µs
dVmax/dt
Maximum external applied slew
rate on OUT1-OUT6 without
switching on the LS and HS (only in
Active mode)
Guaranteed by design
20
V/µs
dVOUT/dt
Slew rate of OUT9-OUT15,
OUT_HS
VS/VSREG = 13.5 V;
V1 = 5 V (1)(2)(3)
2V/µs
fPWMx(00) PWM switching frequency
VS/VSREG = 13.5 V;
V1 = 5 V
100
Hz
fPWMx(01) PWM switching frequency
VS/VSREG = 13.5 V;
V1 = 5 V
200
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com