データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ120 データシート(PDF) 14 Page - STMicroelectronics

部品番号 L99DZ120
部品情報  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 データシート(HTML) 14 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 10Page - STMicroelectronics L99DZ120 Datasheet HTML 11Page - STMicroelectronics L99DZ120 Datasheet HTML 12Page - STMicroelectronics L99DZ120 Datasheet HTML 13Page - STMicroelectronics L99DZ120 Datasheet HTML 14Page - STMicroelectronics L99DZ120 Datasheet HTML 15Page - STMicroelectronics L99DZ120 Datasheet HTML 16Page - STMicroelectronics L99DZ120 Datasheet HTML 17Page - STMicroelectronics L99DZ120 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 162 page
background image
Block diagram and pin descriptions
L99DZ120
14/162
DocID029145 Rev 4
7
NC
Not connected
8
NC
Not connected
9
OUT14
High-side-driver output to drive LEDs
10
OUT13
High-side-driver output to drive LEDs
11
OUT12
High-side-driver output to drive LEDs
12
OUT9
High-side-driver output to drive LEDs
13
OUT10
High-side-driver-output
14
OUT11
High-side-driver output to drive LEDs
15
LS1_FSO
Fail Safe low-side switch (Active low)
16
LS2_FSO
Fail Safe low-side switch (Active low)
17
VS
Power supply voltage for power stage outputs (external reverse battery
protection required), for this input a ceramic capacitor as close as
possible to GND is recommended. Important: For the capability of driving,
the full current at the outputs all pins of VS must be connected externally!
18
VS; 2nd pin
Current capability (pin description see above)
19
OUT7
High-side-driver output to drive LEDs or a 10 Watt bulb (programmable
Rdson)
20
OUT6
Half-bridge outputs: the output is built by a high-side and a low-side switch
which are internally connected. The output stage of both switches is a
power DMOS transistor. Each driver has an internal parasitic reverse
diode (bulk-drain-diode: high-side driver from output to VS, low-side driver
from GND to output)
21
OUT1
Half-bridge outputs: the output is built by a high-side and a low-side switch
which are internally connected. The output stage of both switches is a
power DMOS transistor. Each driver has an internal parasitic reverse
diode (bulk-drain-diode: high-side driver from output to VS, low-side driver
from GND to output)
22
NC
Not connected
23
OUT5
Half-bridge outputs: the output is built by a high-side and a low-side switch
which are internally connected. The output stage of both switches is a
power DMOS transistor. Each driver has an internal parasitic reverse
diode (bulk-drain-diode: high-side driver from output to VS, low-side driver
from GND to output)
24
OUT5; 2nd pin
Current capability (pin description see above)
25
VSREG
Power supply voltage to supply the internal voltage regulators, OUT15
and the OUT_HS (external reverse battery protection required / Diode) for
this input a ceramic capacitor as close as possible to GND and an
electrolytic back up capacitor is recommended.
26
OUT_HS
High-side-driver output to drive LEDs or to supply contacts
Table 1. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com