データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ120 データシート(PDF) 16 Page - STMicroelectronics

部品番号 L99DZ120
部品情報  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 データシート(HTML) 16 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 12Page - STMicroelectronics L99DZ120 Datasheet HTML 13Page - STMicroelectronics L99DZ120 Datasheet HTML 14Page - STMicroelectronics L99DZ120 Datasheet HTML 15Page - STMicroelectronics L99DZ120 Datasheet HTML 16Page - STMicroelectronics L99DZ120 Datasheet HTML 17Page - STMicroelectronics L99DZ120 Datasheet HTML 18Page - STMicroelectronics L99DZ120 Datasheet HTML 19Page - STMicroelectronics L99DZ120 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 162 page
background image
Block diagram and pin descriptions
L99DZ120
16/162
DocID029145 Rev 4
53
NINT
Interrupt output (low active; push-pull output stage) to indicate VSREG
early warning (Active mode); indicates wake-up events from V1_standby
mode
54
NC
Not connected
55
NC
Not connected
56
Debug
Debug input to deactivate the window watchdog (high active)
57
LIN
LIN bus line
58
5V_2
Voltage regulator 2 output: 5 V supply for external loads (potentiometer,
sensors). V2 is protected against reverse supply
59
GL1
Gate driver for PowerMOS low-side switch in half-bridge 1
60
SH1
Source of high-side switch in half-bridge 1
61
GH1
Gate driver for PowerMOS high-side switch in half-bridge 1
62
GH2
Gate driver for PowerMOS high-side switch in half-bridge 2
63
SH2
Source of high-side switch in half-bridge 2
64
GL2
Gate driver for PowerMOS low-side switch in half-bridge 2
Table 1. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com