| データシートサーチシステム |
|
SPC564A80L7 データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 157 page ![]() AN26 Single-ended Analog Input P — — I VDDA Analog I / — AN[26] / — — — B12 AN27 Single-ended Analog Input P — — I VDDA Analog I / — AN[27] / — 157 A10 A12 AN28 Single-ended Analog Input P — — I VDDA Analog I / — AN[28] / — 156 B10 A13 AN29 Single-ended Analog Input P — — I VDDA Analog I / — AN[29] / — — — D13 AN30 Single-ended Analog Input P — — I VDDA Analog I / — AN[30] / — 155 D9 C13 AN31 Single-ended Analog Input P — — I VDDA Analog I / — AN[31] / — 154 D10 B13 AN32 Single-ended Analog Input P — — I VDDA Analog I / — AN[32] / — 153 C10 B14 AN33 Single-ended Analog Input P — — I VDDA Analog I / — AN[33] / — 152 C11 C14 AN34 Single-ended Analog Input P — — I VDDA Analog I / — AN[34] / — 151 C5 D14 AN35 Single-ended Analog Input P — — I VDDA Analog I / — AN[35] / — 150 D11 A14 AN36 Single-ended Analog Input P — — I VDDA Analog I / — AN[36] / — 174 F4 B4 AN37 Single-ended Analog Input P — — I VDDA Analog I / — AN[37] / — 175 E3 A4 AN38 Single-ended Analog Input P — — I VDDA Analog I / — AN[38] / — — — C5 AN39 Single-ended Analog Input P — — I VDDA Analog I / — AN[39] / — 8 D2 B5 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |