| データシートサーチシステム |
|
SPC564A80L7 データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 157 page ![]() DATA7 ADDR23 GPIO[35] External data bus External address bus GPIO P A1 G 001 010 000 35 I/O I/O I/O VDDE5 Fast — / Up — / Up — — AA9 DATA8 ADDR24 GPIO[36] External data bus External address bus GPIO P A1 G 001 010 000 36 I/O I/O I/O VDDE5 Fast — / Up — / Up — — Y6 DATA9 ADDR25 GPIO[37] External data bus External address bus GPIO P A1 G 001 010 000 37 I/O I/O I/O VDDE5 Fast — / Up — / Up — — Y7 DATA10 ADDR26 GPIO[38] External data bus External address bus GPIO P A1 G 001 010 000 38 I/O I/O I/O VDDE5 Fast — / Up — / Up — — Y8 DATA11 ADDR27 GPIO[39] External data bus External address bus GPIO P A1 G 001 010 000 39 I/O I/O I/O VDDE5 Fast — / Up — / Up — — W9 DATA12 ADDR28 GPIO[40] External data bus External address bus GPIO P A1 G 001 010 000 40 I/O I/O I/O VDDE5 Fast — / Up — / Up — — W10 DATA13 ADDR29 GPIO[41] External data bus External address bus GPIO P A1 G 001 010 000 41 I/O I/O I/O VDDE5 Fast — / Up — / Up — — Y10 DATA14 ADDR30 GPIO[42] External data bus External address bus GPIO P A1 G 001 010 000 42 I/O I/O I/O VDDE5 Fast — / Up — / Up — — W11 DATA15 ADDR31 GPIO[43] External data bus External address bus GPIO P A1 G 001 010 000 43 I/O I/O I/O VDDE5 Fast — / Up — / Up — — Y11 RD_WR GPIO[62] External read/write GPIO P G 01 00 62 I/O I/O VDDE2 Fast — / Up — / Up — — P3 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |