| データシートサーチシステム |
|
SPC564A80L7 データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 157 page ![]() ETPUA5 ETPUA17_O(8) DSPI_B_SCK_LVD S- FR_B_TX_EN GPIO[119] eTPU A channel eTPU A channel (output only) LVDS negative DSPI clock Flexray TX data enable for ch. B GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 119 I/O O O O I/O VDDEH4 Slow + LVDS — / WKPCFG — / WKPCFG 54 M4 K4 ETPUA6 ETPUA18_O(8) DSPI_B_SCK_LVD S+ FR_B_RX GPIO[120] eTPU A channel eTPU A channel (output only) LVDS positive DSPI clock Flexray RX data channel B GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 120 I/O O O I I/O VDDEH4 Medium + LVDS — / WKPCFG — / WKPCFG 53 L3 J3 ETPUA7 ETPUA19_O(8) DSPI_B_SOUT_LV DS- ETPUA6_O(8) GPIO[121] eTPU A channel eTPU A channel (output only) LVDS negative DSPI data out eTPU A channel (output only) GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 121 I/O O O O I/O VDDEH4 Slow + LVDS — / WKPCFG — / WKPCFG 52 K3 K2 ETPUA8 ETPUA20_O(8) DSPI_B_SOUT_LV DS+ GPIO[122] eTPU A channel eTPU A channel (output only) LVDS positive DSPI data out GPIO P A1 A2 G 001 010 100 000 122 I/O O O I/O VDDEH4 Slow + LVDS — / WKPCFG — / WKPCFG 51 N1 K1 ETPUA9 ETPUA21_O(8) RCH1_B GPIO[123] eTPU A channel eTPU A channel (output only) Reaction channel 1B GPIO P A1 A2 G 001 010 100 000 123 I/O O O I/O VDDEH4 Slow — / WKPCFG — / WKPCFG 50 M2 J4 ETPUA10 ETPUA22_O(8) RCH1_C GPIO[124] eTPU A channel eTPU A channel (output only) Reaction channel 1C GPIO P A1 A2 G 001 010 100 000 124 I/O O O I/O VDDEH1 Slow — / WKPCFG — / WKPCFG 49 M1 H3 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |