| データシートサーチシステム |
|
SPC564A80L7 データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 157 page ![]() ADDR12 GPIO[8] External address bus GPIO P G 01 00 8 I/O I/O VDDE3 Fast — / Up — / Up — — T3 ADDR13 WE[2] GPIO[9] External address bus Write/byte enable GPIO P A2 G 001 100 000 9 I/O O I/O VDDE3 Fast — / Up — / Up — — U3 ADDR14 WE[3] GPIO[10] External address bus Write/byte enables GPIO P A2 G 001 100 000 10 I/O O I/O VDDE3 Fast — / Up — / Up — — U4 ADDR15 GPIO[11] External address bus GPIO P G 01 00 11 I/O I/O VDDE3 Fast — / Up — / Up — — V3 ADDR16 FR_A_TX DATA16 GPIO[12] External address bus Flexray TX data channel A External data bus GPIO P A1 A2 G 001 010 100 000 12 I/O O I/O I/O VDDE-EH Medium — / Up — / Up — — P1 ADDR17 FR_A_TX_EN DATA17 GPIO[13] External address bus FlexRay ch. A TX data enable External data bus GPIO P A1 A2 G 001 010 100 000 13 I/O O I/O I/O VDDE-EH Medium — / Up — / Up — — P2 ADDR18 FR_A_RX DATA18 GPIO[14] External address bus Flexray RX data ch. A External data bus GPIO P A1 A2 G 001 010 100 000 14 I/O I I/O I/O VDDE-EH Medium — / Up — / Up — — R1 ADDR19 FR_B_TX DATA19 GPIO[15] External address bus Flexray TX data ch. B External data bus GPIO P A1 A2 G 001 010 100 000 15 I/O O I/O I/O VDDE-EH Medium — / Up — / Up — — R2 ADDR20 FR_B_TX_EN DATA20 GPIO[16] External address bus Flexray TX data enable for ch. B External data bus GPIO P A1 A2 G 001 010 100 000 16 I/O O I/O I/O VDDE-EH Medium — / Up — / Up — — T1 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |