データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC564A80L7 データシート(PDF) 34 Page - STMicroelectronics

部品番号 SPC564A80L7
部品情報  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 データシート(HTML) 34 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 30Page - STMicroelectronics SPC564A80L7 Datasheet HTML 31Page - STMicroelectronics SPC564A80L7 Datasheet HTML 32Page - STMicroelectronics SPC564A80L7 Datasheet HTML 33Page - STMicroelectronics SPC564A80L7 Datasheet HTML 34Page - STMicroelectronics SPC564A80L7 Datasheet HTML 35Page - STMicroelectronics SPC564A80L7 Datasheet HTML 36Page - STMicroelectronics SPC564A80L7 Datasheet HTML 37Page - STMicroelectronics SPC564A80L7 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 157 page
background image
Pinout and signal description
SPC564A74L7, SPC564A80B4, SPC564A80L7
34/157
Doc ID 15399 Rev 9
2
Pinout and signal description
This section contains the pinouts for all production packages for the SPC564A80 family of
devices.
Caution:
Any pins labeled “NC” are to be left unconnected. Any connection to an external circuit or
voltage may cause unpredictable device behavior or damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More