| データシートサーチシステム |
|
SPC564A80L7 データシート(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 データシート(HTML) 87 Page - STMicroelectronics |
|
87 / 157 page ![]() SPC564A74L7, SPC564A80B4, SPC564A80L7 Electrical characteristics Doc ID 15399 Rev 9 87/157 board. This model can be used to generate simple estimations and for computational fluid dynamics (CFD) thermal models. To determine the junction temperature of the device in the application on a prototype board, use the thermal characterization parameter ( JT) to determine the junction temperature by measuring the temperature at the top center of the package case using the following equation: Equation 4 TJ = TT + (JT x PD) where: TT = thermocouple temperature on top of the package ( oC) JT = thermal characterization parameter ( oC/W) PD = power dissipation in the package (W) The thermal characterization parameter is measured in compliance with the JESD51-2 specification using a 40-gauge type T thermocouple epoxied to the top center of the package case. Position the thermocouple so that the thermocouple junction rests on the package. Place a small amount of epoxy on the thermocouple junction and approximately 1 mm of wire extending from the junction. Place the thermocouple wire flat against the package case to avoid measurement errors caused by the cooling effects of the thermocouple wire. References: Semiconductor Equipment and Materials International 3081 Zanker Road San Jose, CA 95134 USA (408) 943-6900 MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering Documents at 800-854-7179 or 303-397-7956. JEDEC specifications are available on the WEB at http://www.jedec.org. ● C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an Automotive Engine Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47-54. ● G. Kromann, S. Shidore, and S. Addison, “Thermal Modeling of a PBGA for Air-Cooled Applications”, Electronic Packaging and Production, pp. 53-58, March 1998. ● B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance and Its Application in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp. 212-220. |