データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA321MPL1 データシート(PDF) 58 Page - STMicroelectronics

部品番号 STA321MPL1
部品情報  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 データシート(HTML) 58 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 54Page - STMicroelectronics STA321MPL1 Datasheet HTML 55Page - STMicroelectronics STA321MPL1 Datasheet HTML 56Page - STMicroelectronics STA321MPL1 Datasheet HTML 57Page - STMicroelectronics STA321MPL1 Datasheet HTML 58Page - STMicroelectronics STA321MPL1 Datasheet HTML 59Page - STMicroelectronics STA321MPL1 Datasheet HTML 60Page - STMicroelectronics STA321MPL1 Datasheet HTML 61Page - STMicroelectronics STA321MPL1 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA321MPL1
58/80
DocID029389 Rev 1
6.2
Variable max power correction
6.2.1
MPCC1-2 (0x4D, 0x4E)
The MPCC bits determine the 16 MSBs of the MPC compensation coefficient. This
coefficient is used in place of the default coefficient when MPCV = 1.
6.3
Variable distortion compensation
6.3.1
DCC1-2 (0x4F, 0x50)
The DCC bits determine the 16 MSBs of the distortion compensation coefficient. This
coefficient is used in place of the default coefficient when DCCV = 1.
D7
D6
D5
D4
D3
D2
D1
D0
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
00
101
10
1
D7
D6
D5
D4
D3
D2
D1
D0
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
11
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
DCC15
DCC14
DCC13
DCC12
DCC11
DCC10
DCC9
DCC8
11
110
01
1
D7
D6
D5
D4
D3
D2
D1
D0
DCC7
DCC6
DCC5
DCC4
DCC3
DCC2
DCC1
DCC0
00
110
01
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80