データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA321MPL1 データシート(PDF) 49 Page - STMicroelectronics

部品番号 STA321MPL1
部品情報  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 データシート(HTML) 49 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 45Page - STMicroelectronics STA321MPL1 Datasheet HTML 46Page - STMicroelectronics STA321MPL1 Datasheet HTML 47Page - STMicroelectronics STA321MPL1 Datasheet HTML 48Page - STMicroelectronics STA321MPL1 Datasheet HTML 49Page - STMicroelectronics STA321MPL1 Datasheet HTML 50Page - STMicroelectronics STA321MPL1 Datasheet HTML 51Page - STMicroelectronics STA321MPL1 Datasheet HTML 52Page - STMicroelectronics STA321MPL1 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
DocID029389 Rev 1
49/80
STA321MPL1
Registers
80
5.2.56
Coefficient b1 data register, bits 15:8 (0x3E)
5.2.57
Coefficient b1 data register, bits 7:0 (0x3F)
5.2.58
Coefficient b2 data register, bits 23:16 (0x40)
5.2.59
Coefficient b2 data register, bits 15:8 (0x41)
5.2.60
Coefficient b2 data register, bits 7:0 (0x42)
5.2.61
Coefficient a1 data register, bits 23:16 (0x43)
5.2.62
Coefficient a1 data register, bits 15:8 (0x44)
D7
D6
D5
D4
D3
D2
D1
D0
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C2B23
C2B22
C2B21
C2B20
C2B19
C2B18
C2B17
C2B16
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C2B15
C2B14
C2B13
C2B12
C2B11
C2B10
C2B9
C2B8
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C2B7
C2B6
C2B5
C2B4
C2B3
C2B2
C2B1
C2B0
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C3B15
C3B14
C3B13
C3B12
C3B11
C3B10
C3B9
C3B8
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80