| データシートサーチシステム |
|
MAS3587F データシート(PDF) 26 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3587F データシート(HTML) 26 Page - Micronas |
|
26 / 82 page ![]() MAS 3587F ADVANCE INFORMATION 26 Micronas 3.3.1.3. Write Register (Code Bhex) The controller writes the 20-bit value (d = d4,d3,d2, d1,d0) into the MAS 3587F register (r =r1,r0). Example: Writing the value 81234hex into the register with the number AAhex: <DW 68 ba a8 12 34> In Table 3–5 on page 32 the registers of interest with respect to the firmware are described in detail. 3.3.1.4. Read D0 Memory (Code Chex) The MAS 3587F has 2 memory areas of 2048 words called D0 and D1 memory. Both memory areas have different read and write commands. All D0/D1 memory addresses are given in hexadecimal notation. The Read D0 Memory command gives the controller access to all 20 bits of D0 memory cells of the MAS 3587F. The telegram to read 3 words starting at location D0:100 is <DW 68 c0 00 00 03 01 00> <DW 69 <DR xx xd dd dd xx xd dd dd xx xd dd dd> S DW A W $68 A b,r1 A r0,d4 A W d3,d2 A d1,d0 A W P W S DW A W $69 A W S DW A W $68 A W c,0 A 0,0 A W x,x A x,d4 A W d3,d2 A d1,d0 A W 2) get memory value S DR A W 1) send command n3,n2 A n1,n0 A W a3,a2 A a1,a0 A W P x,x A x,d4 A W d3,d2 A d1,d0 N W P ...repeat for n data values... |