| データシートサーチシステム |
|
MAS3587F データシート(PDF) 27 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3587F データシート(HTML) 27 Page - Micronas |
|
27 / 82 page ![]() ADVANCE INFORMATION MAS 3587F Micronas 27 3.3.1.5. Short Read D0 Memory (Code C4hex) Because most cells in the user interface are only 16 bits wide, it is faster and more convenient to access the memory locations with a special 16 bit mode for reading: This command is similar to the normal 20 bit read command and uses the same command code Chex, however it is followed by a 4hex rather than a 0hex. 3.3.1.6. Read D1 Memory (Code Dhex) The Read D1 Memory command is provided to get information from D1 memory cells of the MAS 3587F. S DW A W $69 A W S DW A W $68 A W c,4 A 0,0 A W d3,d2 A d1,d0 A W 2) get memory value S DR A W 1) send command n3,n2 A n1,n0 A W a3,a2 A a1,a0 A W P d3,d2 A d1,d0 N W P ...repeat for n data values... S DW A W $69 A W S DW A W $68 A W d,0 A 0,0 A W d3,d2 A d1,d0 A W 2) get memory value S DR A W 1) send command n3,n2 A n1,n0 A W a3,a2 A a1,a0 A W P P ...repeat for n data values... x,x A x,d4 W A d3,d2 A d1,d0 N W x,x A x,d4 W A |