| データシートサーチシステム |
|
MAS3587F データシート(PDF) 28 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3587F データシート(HTML) 28 Page - Micronas |
|
28 / 82 page ![]() MAS 3587F ADVANCE INFORMATION 28 Micronas 3.3.1.7. Short Read D1 Memory (Code D4hex) The Short Read D1 Memory command works similar to the Read D1 Memory command but with the code Dhex fol- lowed by a 4hex. Example: Read 16 bits of D1:123 has the following I2C protocol: <DW 68 d4 00 read 16 bits from D1 00 01 1 word to be read 01 23 start address <DW 69 DR dd dd> start reading 3.3.1.8. Write D0 Memory (Code Ehex) With the Write D0 Memory command n 20-bit memory cells in D0 can be initialized with new data. Example: Write 80234hex to D0:456 has the following I 2C protocol: <DW 68 e0 00 write D1 memory 00 01 1 word to write 04 56 start address 00 08 value = 80234hex 02 34> S DW A W $69 A W S DW A W $68 A W d,4 A 0,0 A W d3,d2 A d1,d0 A W 2) get memory value S DR A W 1) send command n3,n2 A n1,n0 A W a3,a2 A a1,a0 A W P P ...repeat for n data values... d3,d2 A d1,d0 N W S DW A W $68 A W e,0 A 0,0 A W n3,n2 A n1,n0 A W d3,d2 A d1,d0 A W ...repeat for n data values... 0,0 A 0,d4 A W d3,d2 A d1,d0 A W P 0,0 A 0,d4 A W a3,a2 A a1,a0 A W |