| データシートサーチシステム |
|
MAS3587F データシート(PDF) 55 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3587F データシート(HTML) 55 Page - Micronas |
|
55 / 82 page ![]() ADVANCE INFORMATION MAS 3587F Micronas 55 4.3.14. Miscellaneous SYNC OUT The SYNC signal indicates the detection of a frame start in the input data of MAS 3587F. Usually this sig- nal generates an interrupt in the controller. POR IN The Power-On Reset pin is used to reset the whole MAS 3587F, except for the DC/DC converter circuitry. POR is an active-low signal. TE IN The TE pin is for production test only and must be con- nected with VSS in all applications. 4.4. Pin Configurations Fig. 4–2: PLQFP64 package (Top view) SIBD SIBC SIBI SPDI2 SPDI1 SPDIR FILTL AVDD0 OUTL OUTR AVSS0 FILTR AVSS1 VREF PVDD AVDD1 PR PRTW PRTR EOD PUP VBAT SYNC I2CD I2CC CLKO DCEN VSENS2 DCSO2 DCSG2 DCSG1 DCSO1 SIC SII SID SOC SOI SOD PI12 SPDO PI13 PI14 PI15 PI16 PI17 PI18 PI19 PCS MICIN MICBI INL INR TE XTI XTO AGNDC POR VSS XVSS VDD XVDD I2CVDD DVS VSENS1 MAS 3587F 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 9 10111213141516 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 |