| データシートサーチシステム |
|
MAS3587F データシート(PDF) 19 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3587F データシート(HTML) 19 Page - Micronas |
|
19 / 82 page ![]() ADVANCE INFORMATION MAS 3587F Micronas 19 3.2. Direct Configuration Registers The task selection of the DSP and the DC/DC converters are controlled in the direct configuration registers Control, DCCF, and DCFR. 3.2.1. Write Direct Configuration Registers The write protocol for the direct configuration registers only consists of device address, subaddress and one 16-bit data word. 3.2.2. Read Direct Configuration Register To check the PUP1 and PUP2 power-up flags, it is necessary to read back the content of the direct configuration reg- isters. S subaddress d3,d2 A A A A DW d1,d0 P S subaddress A A DW P S subaddress d3,d2 A A A DW d1,d0 A 1) send subaddress 2) get register value S DR N P |