データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WM8196 データシート(PDF) 15 Page - Cirrus Logic

部品番号 WM8196
部品情報  (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8196 データシート(HTML) 15 Page - Cirrus Logic

Back Button WM8196 Datasheet HTML 11Page - Cirrus Logic WM8196 Datasheet HTML 12Page - Cirrus Logic WM8196 Datasheet HTML 13Page - Cirrus Logic WM8196 Datasheet HTML 14Page - Cirrus Logic WM8196 Datasheet HTML 15Page - Cirrus Logic WM8196 Datasheet HTML 16Page - Cirrus Logic WM8196 Datasheet HTML 17Page - Cirrus Logic WM8196 Datasheet HTML 18Page - Cirrus Logic WM8196 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
WM8196
Production Data
w
PD Rev 4.6 October 2008
15
MCLK
VSMP
VS
R
S/CL (CDSREF = 00)
R
S/CL (CDSREF = 01)
R
S/CL (CDSREF = 10)
R
S/CL (CDSREF = 11)
Figure 11 Reset Sample and Clamp Timing
For CIS type sensor signals, non-CDS processing is used. In this case, the video level is processed
with respect to the voltage on pin VRLC/VBIAS, generated internally or externally as described
above. The VRLC/VBIAS pin is sampled by Rs at the same time as Vs samples the video level in this
mode; non-CDS processing is achieved by setting switch 2 in the lower position, CDS = 0.
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is added to the output of an 8-bit Offset
DAC to compensate for offsets and then amplified by an 8-bit PGA. The gain and offset for each
channel are independently programmable by writing to control bits DAC[7:0] and PGA[7:0].
The gain characteristic of the WM8196 PGA is shown in Figure 12. Figure 13 shows the maximum
device input voltage that can be gained up to match the ADC full-scale input range (3V).
0
1
2
3
4
5
6
7
8
0
64
128
192
256
Gain register value (PGA[7:0])
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
64
128
192
256
Gain register value (PGA[7:0])
Figure 12 PGA Gain Characteristic
Figure 13 Peak Input Voltage to Match ADC Full-scale Range
In colour line-by-line mode the gain and offset coefficients for each colour can be multiplexed in order
(Red
→ Green → Blue → Red…) by pulsing the ACYC/RLC pin, or controlled via the FME,
ACYCNRLC and INTM[1:0] bits. Refer to the Line-by-Line Operation section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com