データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV3550 データシート(PDF) 9 Page - STMicroelectronics

部品番号 STV3550
部品情報  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 データシート(HTML) 9 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 5Page - STMicroelectronics STV3550 Datasheet HTML 6Page - STMicroelectronics STV3550 Datasheet HTML 7Page - STMicroelectronics STV3550 Datasheet HTML 8Page - STMicroelectronics STV3550 Datasheet HTML 9Page - STMicroelectronics STV3550 Datasheet HTML 10Page - STMicroelectronics STV3550 Datasheet HTML 11Page - STMicroelectronics STV3550 Datasheet HTML 12Page - STMicroelectronics STV3550 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
General Information
STV3550
9/144
●
Readable and maintainable
The CTV100-LCD application software consists of 4 main layers based on these non-functional
requirements:
●
System Layer provides certain general-purpose components such as Handle or Link List
Managers. This layer also contains the Operating System Abstraction Layer (OSAL)
components which enable other layers to be OS-independent.
●
Driver Layer provides a hardware abstraction to the upper layers making them hardware-
independent.
●
Service Layer contains the components that provide the Application layer with high level
interfaces in order to manage the TV set. The set of Service components included in the
demonstration application are very useful for developing applications.
Figure 3: Global Software Architecture
Application Level
STV3550
Drivers
Services
Chassis Control
Decoders
Graphics, Remote Control, Zapper
I²C, OSD, SDIN, Audio, Video