データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV3550 データシート(PDF) 29 Page - STMicroelectronics

部品番号 STV3550
部品情報  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 データシート(HTML) 29 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 25Page - STMicroelectronics STV3550 Datasheet HTML 26Page - STMicroelectronics STV3550 Datasheet HTML 27Page - STMicroelectronics STV3550 Datasheet HTML 28Page - STMicroelectronics STV3550 Datasheet HTML 29Page - STMicroelectronics STV3550 Datasheet HTML 30Page - STMicroelectronics STV3550 Datasheet HTML 31Page - STMicroelectronics STV3550 Datasheet HTML 32Page - STMicroelectronics STV3550 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
STV3550
29/144
●
The Inflexion point is dependant either on the average brightness (when using brightness
estimator values) or the input value (when using manual mode).
●
The Range parameter modifies the slope of the Ym segment. Slope values are algorithm-
dependant.
The Gain parameter modifies the overall curve gain in relation to the transfer curve (Yout = Yin).
Figure 15: Yce = Ylp + Yg
Figure 16: Original Curve
Figure 17: Example Curve after applying a Gain Factor of 2
Ym
0255
255
OUT
IN
Yhl
Yll
0
255
Gain
0
255