| データシートサーチシステム |
|
AS39513 データシート(PDF) 70 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 データシート(HTML) 70 Page - ams AG |
|
70 / 108 page ![]() Page 70 ams Datasheet Document Feedback [v1-10] 2018-Apr-25 AS39513 − Detailed Description OPTION – Command option flag. The meaning of this bit depends on the command. If the command description below does not specify a meaning for this bit, this flag is ignored. Non-Inventory Command Flags Figure 46: Non-Inventory Command Flags Command Response Structure The RFID command response structure also follows the standard ISO15693 format. The Response Structure from the Tag is: where SOF is the ISO15693 start-of-frame, the Flags are the protocol response flags described below, parameters and data are zero or more bytes depending on the command, the CRC is the error check code, and EOF is the ISO15693 end-of-frame. The Response Flags are: Flag Bits Flag Name Bit Value Meaning 0 1 b0 SUBCAR Single Double b1 DRATE Low High b2 Inventory 0 X b3 Protocol ext. Always 0 RFU b4 SELECT All tags Selected tag b5 ADDR Unaddressed Addressed b6 OPTION Command dependent Command dependent b7 RFU Always 0 RFU SOF Flags Parameters Data CRC EOF 8 bits n*8 bits m*8 bits 16 bits Bit 765 43 210 RFLAGS 000 EXTEN 0 00 ERR |