データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS39513 データシート(PDF) 48 Page - ams AG

部品番号 AS39513
部品情報  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS39513 データシート(HTML) 48 Page - ams AG

Back Button AS39513 Datasheet HTML 44Page - ams AG AS39513 Datasheet HTML 45Page - ams AG AS39513 Datasheet HTML 46Page - ams AG AS39513 Datasheet HTML 47Page - ams AG AS39513 Datasheet HTML 48Page - ams AG AS39513 Datasheet HTML 49Page - ams AG AS39513 Datasheet HTML 50Page - ams AG AS39513 Datasheet HTML 51Page - ams AG AS39513 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
APPBLKS[7:0] – Number of four-byte memory blocks in
Application memory minus 1. APPBLKS = 255 means 256
Application blocks and no Measurement blocks. APPBLKS = 0
means 1 Application block and 255 Measurement blocks. The
measurement logging will begin at address {1’b0, APPBLKS + 1,
2’b00}, assuming APPBLKS < 255.
LOGDEL[11:0] – Logging delay before first logging event. Wait
512*LOGDEL seconds after power-up initialization to begin
logging.
LOGINT[15:0] – Logging interval, in seconds, between
timer-generated logging events. If LOGINT is set to zero, no
logging is performed.
MEASCNT[15:0] – Measurement count. This value is
incremented with each logging event, even if the limit
thresholds caused the measurements not to be recorded to
EEPROM.
STRMD – Storage mode.
0 = Normal logging. When the logging memory is full,
additional logging values will be lost.
SKIP16 – Update counts only every 16 measurements.
0 = MEASCNT, MEASPTR, and status byte (0x43B) updated every
measurement.
1 = MEASCNT, MEASPTR, and status byte (0x43B) updated every
16 measurements, when MEASCNT[3:0] = 4’b1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More